Part Number Hot Search : 
P6KE62CA UMAF30A 95080 KRA322E 47NF50KE CT374 1SV31107 74HC0
Product Description
Full Text Search
 

To Download KK33193D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
Automotive Direction Indicator
The KK33193 is a new generation industry standard UAA1041 "Flasher". It has been developed for enhanced EMI sensitivity, system reliability, and improved wiring simplification. The KK33193 is pin compatible with the UAA1041 and UAA1041B in the standard application configuration as shown in Figure 9, without lamp short circuit detection and using a 20 m shunt resistor. The KK33193 has a standby mode of operation requiring very low standby supply current and can be directly connected to the vehicle's battery. It includes an RF filter on the Fault detection pin (Pin 7) for EMI purposes. Fault detection thresholds are reduced relative to those of the UAA1041, allowing a lower shunt resistance value (20 mW) to be used. * Pin Compatible with the UAA1041 * Defective Lamp Detection Threshold * RF Filter for EMI Purposes * Load Dump Protection * Double Battery Capability for Jump Start
KK33193
ORDERING INFORMATION KK33193N DIP KK33193D SOIC TA = -40 to 125C for all packages
PIN CONNECTIONS
Vss 1 V 2 Relay 3 Oscillator 4
8 Starter 7 Fault Detector 6 Enable 5 Oscillator
Simplified Block Diagram
1
SW2 SW1 Starter
8
2
Detector 24V 33V
Reference Voltage
RF Filter
7
3
Relay Driver
Lamp Fault Detector
6
4
5
Oscillator
This Device contains 60 active transistors.
1
KK33193
MAXIMUM RATINGS*
Rating Pin1 Positive Current (Continious/Pulse) Pin1 Negative Current (Continious/Pulse) Current (Continious/Pulse) Current (Continious/Pulse) Current (Continious/Pulse) ESD(Aii Pins Except Pin4 for Negative Pulse) ESD(Pin 4 Negative Pulse) Jinction Temperature Operation Ambient Temperature Range Storage Temperature Range Simbol I1+ I1I2 I3 I8 VESD VESD4TJ TA TSTG Value 150 to 500 -35 to -500 350 to 1900 300 to 1400 25 to 50 2000 -1000 150 -40 to +125 -65 to +150 Unit mA mA mA mA mA V V C C C
ELECTRICAL CHARACTERISTICS (-45OC TA +125 OC, 8.0 V VCC 18.0 V, unless otherwise noted.
Typical values reflect approximate mean at TA= 25 OC, VCC = 14 V at the time of initial device characterization.) Characteristic Battery Voltage Range (Normal Operation) Overvoltage Detector Threshold (VPin2 - VPin1) Clamping Voltage (R2 = 220 ) Output Voltage [I = -250 mA (VPin2 - VPin3)] Starter Resistance (Rst = R2 +RLamp) Oscillator Constant (Normal Operation, TA= 25 OC) Temperature Coefficient of Kn Duty Cycle (Normal Operation) Oscillator Constant (One 21 W Lamp Defect, TA= 25OC) Duty Cycle(One 21 W Lamp Defect) Oscillator Constant (TA= 25 OC) Standby Current (Ignition Off) Current Consumption (Relay Off, Enable Pin 6 High) Vbat = 13.5 V, R3 = 220 Current Consumption (Relay On) Vbat = 13.5 V, R3 = 220 Defect Lamp Detector [R3 = 220 , (VPin2 - VPin7)] Vbat = 13.5 V Symbol Vb Vih Vcl Vsat Rst Kn TCKn Kf K1 K2 ICC ICC ICC VS Min 8.0 19 27 1.3 45 0.59 35 0.150 0.200 42.5 Max 18 22 34 1.5 3.6 1.75 55 0.75 45 0.240 0.290 100 3.5 6.0 56 Unit V V V V k 1/ OC % % A mA mA mV
2
KK54123
Vbat
Vbat
On Off
OnOff
t1 tn Fn=1/tn TIME
tf
Ft=1/tf
TIME
Figure 1 - Normal Operation Oscillator Timing Diagram
Figure 2 - One Defective Lamp Oscillator Timing Diagram
INTRODUCTION
The KK33193 is designed to drive the direction indicator flasher relay. It is a new generation industry standard UAA1041 "Flasher". It consists of the following functions: * Supply and Protections * On-Chip Relay Driver * Oscillator * Starter Functions * Lamp Fault Detector with Internal RF Filter * Standby Mode Supply and Protection Systems Pin 1 is connected to ground via resistor R3 which limits he current in the event of any high voltage transients. Pin 2 (VCC) is the positive supply and may be connected directly to the vehicle's battery voltage. Overvoltage and Double Battery Protection: When the applied VCC to VSS voltage is greater than 22 V, the overvoltage detector circuit turns the relay driver off. Both the device and the lamps are protected if two 12 V batteries are connected in series and used to jump start the vehicle.Load Dump Overvoltage Protection: A 29 V overvoltage detector protects the circuits against high voltage transients due to load dumps and other low energy spikes. The relay driver is automatically turned on whenever the VCC to VSS voltage is greater than 34 V. Overvoltage Protection, High Voltage Transients: The Enable and the Starter pins are protected against positive and negative transients by internal on-chip diodes. On-Chip Relay Driver The device directly drives the flasher relay. The output structure is an Emitter of an NPN transistor. It contains the free wheeling diode circuitry necessary to protect the device whenever the relay is switched off. Oscillator The device uses a sawtooth oscillator (Figure 1). The frequency is determined by the external components C1 and R1. In the normal operating mode, the flashing frequency is: Fn = 1/R1*C1*Kn. With a defective (open) 21 W lamp (Figure 2), the flashing frequency changes to: Fn = 2.2*Fn. The typical first flash delay (the time between the moment when the indicator switch is closed and the first lamp flash occurs) is: t1 = K1*R1*C1 The fault detection delay is from the time relay R1 is on and fault detection is enabled. Where a 21 W lamp opens, the delay is expressed as: t2 = K2*R1*C1
3
KK54123
Starter Pin 8 is connected through a 3.3 kW resistor to the flashing lamp. Pin 8 is the input to the Starter function and senses the use of S1 by sensing ground through the lamp (Figures 9 and 10). Lamp Fault Detector with Internal RF Filter A Lamp defect is sensed by the lamp fault detector's monitoring of the voltage developed across the external shunt resistor RS via the RF filter. The RS voltage drop is compared to a Vbat dependent internal reference voltage (Vref) to validate the comparison over the full battery voltage range. A detected fault causes the oscillator to change frequency (Figure 2). Standby Mode When the ignition key and warning switches are open; Enable is in a low state and the internal switches, SW1 and SW2, are open and no current passes through the circuit. In this condition, the device's current consumption is zero (ICC = 0). When ignition key and warning switches are closed; Enable is in a high state with SW1 and SW2 being closed and the circuit is powered on. Main differences between UAA1041B & KK33193 The KK33193 is pin compatible with the UAA1041. Supply Current Supply current is more stable on the KK33193 when the device is in "on" or "off" state. In "on" state the supply current is only 40% higher than when in the "off" state, as compared to a ratio of 3 times for the UAA1041. This results in a lowern voltage drop across the ground resistor R3 (see On-Chip Relay Driver). Short Circuit Detection The KK33193 has no short circuit detection. Standby Mode (Pin 6) The UAA1041 has no standby mode. Pin 6 is used as an Enable/Disable for the short circuit detection. The KK33193 uses Pin 6 to set the device in standby mode. If Pin 6 is connected to ground, the KK33193 is in the standby mode. In this mode, standby current is very low and Pin 8's starter resistor R2 and a 2.0 kW internal resistor are switched off. As soon as Pin 6 is at a high level (typical threshold = 2Vbe) the device becomes active. In the application, the KK33193 can be connected directly to the battery and awakened whenever Pin 6 is connected to the vehicle's battery by way of a protection resistor and the ignition key switch. Lamp Defect Detection (Pin 7) The UAA1041 operates with a 30 mW shunt resistor to sense the lamp current. It's lamp defect detection threshold of Pin 7 is typically 85 mV. The KK33193 is designed to operate with 20 mW shunt resistor and at a reduced threshold of 50 mV. This reduces power generation in the flasher module. In addition, the KK33193 incorporates an RF filter to enhance RFI immunity. Load Dump and Overvoltage Behavior The UAA1041 and KK33193 both behave the same in this regard. Both have double battery detection and lamp turn-off protection in the event of a jump start. During load dump, both devices are protected by an internal 30 V zener diode with the relay activated during a load dump. Relay Driver Drive capability of both devices is the same. Free wheeling diode protection is internal to both devices. The free wheeling voltage is 2Vbe for the UAA1041 and 3Vbe for the KK33193. This results in a higher clamp voltage across the relay and thus in a faster turn-off. In addition, the lower "on" state supply current is lower on the KK33193 and thus the voltage drop across the ground resistor R3 is reduced. This results in an even higher clamp voltage across the relay. Oscillator Phase The oscillator phase is opposite on the KK33193 as compared to the UAA1041. The Oscillator voltage is falling during "on" state and rising during "off" state for the KK33193.
4
KK54123
Vcl, CLAMPING VOLTAGE (V)
Vih, OVERVOLTAGE DETECT THRESHOLD (V)
TA, AMBIENT TEMPERATURE (OC)
TA, AMBIENT TEMPERATURE (OC)
Figure 3 - Clamping Voltage versus Temperature
ICC, SUPPLY CURRENT (mA)
Vbat = 13.5B R2 = 220
Figure 4 - Overvoltage Detector versus Temperature
Vsat, OUTPUT VOLTAGE (V)
Vbat = 13.5V I = 250 mA
Relay
Relay Off
TA, AMBIENT TEMPERATURE (OC)
TA, AMBIENT TEMPERATURE (OC)
Figure 5 - Supply Current versus Temperature
LAMP DEFECT DETECTION THRESHOLD (mV)
Vbat = 13.5V R2 = 220
Figure 6 - Output Voltage versus Temperature
Kf, OSCILLATOR CONSTANT (TIMES)
TA, AMBIENT TEMPERATURE (OC)
TA, AMBIENT TEMPERATURE (OC)
Figure 7 - Defect Lamp Detection versus Temperature
Figure 8 - Oscillator Constant versus Temperature
5
KK54123
1 2
8 7
Rs
C1
3 4
KK33193
6 5
R2
Vbat
R3 R1 Relay
S1 L6
L2
L3
L4
L5
Rs = 20 m R1 = 75 k C1 = 5.6 F R2 = 3.3 k R3 = 200 L2, L3, L4, L5 = 21 W Tum Signal Lamps
Figure 9 - KK33193 Typical Application
Application Information NOTES: 1. In the above application, the KK33193 is compatible with the UAA1041 and UAA1041B except for the shunt resistor value (Rs = 20 m). 2. The flashing cycle is started by the closing of switch S1. 3. The position of switch S1 is sensed across resistor R2 and RLamp by the input, Pin 8.
6
KK54123
Vbat
Rs
1
SW2 SW1 Starter
8
R3
2
Detector 24V 33V Relay Driver
Reference Voltage
RF Filter
7
1
3
Lamp Fault Detector
6
R4 R5
Ignition Key
4
5
Oscillator R2
Waming
R1 Relay 1
Relay 2
EXTERNAL COMPONENTS
Rs = 20 m R1 = 75 k C1 = 5.6 F R2 = 2.2 k R3 = 220 10 k R4 47 k 10 k R5 47 k Relay 1 L1, L2, L3, L4 = 21W LD Dashboard Indicator Left LD L1 L2 S1 Direction Indicator Right L3 L4 LD
Figure 10. KK33193 Typical Application
Application Information Notes: 1.The flashing cycle is started by the dosing of switch S1. 2.The S1 switch position is sensed across the resistor R2 and RLAMP by the input (Pin8). 3. If the logic state at Pin6 is [0], the current through R2 is off.
7
KK54123
N SUFFIX PLASTIC DIP (MS - 001BA)
A 8 5 B 1 4
Dimension, mm Symbol A B MIN 8.51 6.1 MAX 10.16 7.11 5.33 0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38 10 3.81 8.26 0.36 0.56 1.78
F
L
C D
C -T- SEATING N G D 0.25 (0.010) M T K
PLANE
F G
M H J
H J K L M N
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AA) Dimension, mm
5
A 8
Symbol A
B P
MIN 4.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 5 4 1.75 0.51 1.27
H
B C
1
G
4 C R x 45
D F
-TD 0.25 (0.010) M T C M K
SEATING PLANE
G
J F M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
8


▲Up To Search▲   

 
Price & Availability of KK33193D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X